PART |
Description |
Maker |
MPC8321ZQADDC MPC8321EVRADDC MEMCMDQ3 MEMCMDQ20 ME |
Single platform architecture supports the convergence of IP packet networks and ATM networks. PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
S5512 S5512GM2NR S5512G2NR-LE S5512GM4NR S5512WGM2 |
SINGLE-SOCKET ATX SERVER / WORKSTATION PLATFORM
|
List of Unclassifed Man...
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
P2020RDB-PCA |
P2 Platform Series Dual core performance in a single core power envelope
|
Freescale Semiconductor...
|
AS28F128J3MRG-15_ET AS28F128J3MRG-15_XT AS28F128J3 |
Plastic Encapsulated Microcircuit 128Mb, x8 and x16 Q-FLASH Memory Even Sectored, Single Bit per Cell Architecture
|
Austin Semiconductor
|
CY7C1415BV18-250BZI CY7C1415BV18-167BZI |
36-Mbit QDR(TM)-II SRAM 4-Word Burst Architecture; Architecture: QDR-II, 4 Word Burst; Density: 36 Mb; Organization: 1Mb x 36; Vcc (V): 1.7 to 1.9 V 1M X 36 QDR SRAM, 0.45 ns, PBGA165 36-Mbit QDR™-II SRAM 4-Word Burst Architecture
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
PIC12C671 PIC12C672 PIC12C508A PIC12C509A |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto
|
Microchip
|
STIH314ZUA STIH314ZUB STIH414ZUA STIH418ZUB |
ARM Cortex-based, UHD 60 fps, multimedia connected client platform Multi-core ARM Cortex-based, UHD 60 fps, multimedia server platform
|
ST Microelectronics
|
CY7C1515KV18-250BZXI CY7C1515KV18-300BZC CY7C1515K |
72-Mbit QDR II SRAM 4-Word Burst Architecture 72-Mbit QDR(TM)-II SRAM 4-Word Burst Architecture; Architecture: QDR-II, 4 Word Burst; Density: 72 Mb; Organization: 4Mb x 18; Vcc (V): 1.7 to 1.9 V 4M X 18 QDR SRAM, 0.45 ns, PBGA165
|
http:// Cypress Semiconductor, Corp.
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
BCM1510TRP BCM1500TRP |
CALISTO Test and Reference Platform CALISTO TEST AND REFERENCE PLATFORM
|
BOARDCOM[Broadcom Corporation.]
|
CY7C1302DV25-167BZC CY7C1302DV25-167BZI CY7C1302DV |
9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture 9-Mbit Burst of Two Pipelined SRAMs with QDR垄芒 Architecture 9-Mbit Burst of Two Pipelined SRAMs with QDR⑩ Architecture
|
Cypress Semiconductor
|